PART |
Description |
Maker |
ADM1490E ADM1491E |
5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver 5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver (with Driver/Receiver Enable)
|
Analog Devices
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|
ADM2490EBRWZ ADM2490EBRWZ-REEL71 ADM2490E |
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
|
AD[Analog Devices]
|
EIC256S08D01-100D EIC256S08C01-085D EIC256S08C01-1 |
3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC x8的SRAM 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP
|
Advanced Micro Devices, Inc.
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
SP1490E SP1490ECN-L SP1490ECN-L_TR SP1490EEN-L SP1 |
Full Duplex RS-485 Transceivers12345678VCC
|
Exar Corporation
|
SP490 SP490CN SP490CN_TR SP490CS SP490EN SP491CN_T |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
SP491ES SP490 SP490_05 SP490CN SP490CN_TR SP490CS |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP491EEN-L |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|